PART |
Description |
Maker |
10-01-1064 10-01-1014 10-01-1114 10-01-1044 91813- |
PCB, Connector, Current Rating 7 Ampere, Contact Resistance 20 Milliohms, Number Of Ways Of Terminal Block 6 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Multipole Connector; Gender:Female; Number of Contacts:1; Series:KK; Body Material:Nylon; Number of Rows:1 1 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 5.08mm KK Crp Term Hsg 11Ckt 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP PCB, Connector, Current Rating 7 Ampere, Contact Resistance 20 Milliohms, Number Of Ways Of Terminal Block 4 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc. MOLEX INC
|
10-01-3046 |
Multipole Connector; Gender:Female; No. of Contacts:4; Series:SPOX; Body Material:Nylon 6/6; No. of Rows:1 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
M80-4105042 |
Datamate J-Tek DIL Female Vertical 3mm PC Tail Connector, gold clip tin shell, no jackscrews, 25 25-way 50 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
240-032625SC 240-032625SP 240-032425PC 240-03269PC |
25 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, CRIMP 37 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, CRIMP 9 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, CRIMP 31 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, CRIMP 15 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, CRIMP 37 CONTACT(S), FEMALE, D MICROMINIATURE CONNECTOR, CRIMP 31 CONTACT(S), FEMALE, D MICROMINIATURE CONNECTOR, CRIMP 21 CONTACT(S), MALE, D MICROMINIATURE CONNECTOR, CRIMP Micro-D Filter Connectors Pre-Wired Pigtails with Insulated Wire 15 CONTACT(S), FEMALE, D MICROMINIATURE CONNECTOR, CRIMP 21 CONTACT(S), FEMALE, D MICROMINIATURE CONNECTOR, CRIMP
|
GLENAIR INC Glenair, Inc.
|
FFSD-25-D-12.00-01-N SAMTECINC-FFSD-13-D-12.00-01- |
CABLE ASSEM .05 50POS F-F 12 INTERCONNECTION DEVICE 34 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 21 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 40 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 20 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 26 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC
|
Samtec, Inc. SAMTEC INC
|
M83-LFD100N27-0000-000 M83-LFD1F2N54-0000-000 |
27 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Datamate J-Tek 3-Row Female Large Bore Crimp Connector, gold, Hex Socket jackscrews, 3 x 18-way (54)
|
HARWIN INC
|
KA230/254DEFSTAH KA100/254DEFFDTAH KA100/254DPMBT |
230 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 100 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 100 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, PLUG 264 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, WIRE WRAP, RECEPTACLE 264 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 264 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 200 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 200 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 200 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, WIRE WRAP, RECEPTACLE 490 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 390 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE
|
HYPERTRONICS CORP
|
09-50-1041 |
Multipole Connector; Gender:Female; Number of Contacts:4; Series:SPOX; Body Material:Nylon 6/6; Number of Rows:1 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc.
|
70ADH-4-FL0 70ADJ-4-FL1 70ADJ-2-FL1 70ADJ-3-FL0 70 |
CONN MODULAR 4POS FEMALE PCB CONNECTOR CONN MOD 4POS FEMALE SMD LOC PIN PCB CONNECTOR CONN MOD 2POS FEMALE SMD LOC PIN PCB CONNECTOR CONN MOD 3POS FEMALE SMD PCB CONNECTOR CONN MODULAR 3POS FEMALE PCB CONNECTOR MODULAR CONTACT - PTH FEMALE PCB CONNECTOR
|
Bourns, Inc.
|
|